PART |
Description |
Maker |
PUMB2 PEMB2-PUMB2-15 |
PNP/PNP double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. PNP/PNP resistor-equipped transistors R1 = 47 k? R2 = 47 k?
|
NXP Semiconductors
|
PDTA144W PDTA144WU PDTA144WE PDTA144WE115 PDTA144W |
PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = 22 kOhm 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ PNP resistor-equipped transistors; R1 = 47 k楼?, R2 = 22 k楼?
|
Aero-Electric Connector, Inc. NXP Semiconductors N.V.
|
PUMB1 PEMB1 |
PNP-PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = 22 kOhm PNP-PNP配电阻型晶体管,R1=22千欧姆,R2=22千欧 PNP/PNP resistor-equipped transistors; R1 = 22 kΩ, R2 = 22 kΩ PNP/PNP resistor-equipped transistors; R1 = 22 k楼?, R2 = 22 k楼?
|
NXP Semiconductors N.V.
|
PDTC114TU PDTC114TT PDTA114TM PDTA114T PDTA114TE P |
NPN resistor-equipped transistor PNP resistor-equipped transistors; R1 = 10 kOHM R2 = open PDTA114T series; PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = open
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PDTC144TU PDTA144T PDTA144TE PDTA144TEF PDTA144TK |
PDTA144T series; PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = open PNP resistor-equipped transistors; R1 = 47 kW-ohm, R2 = open
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PEMD13 PUMD13 |
NPN-PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 47 kOhm NPN-PNP配电阻型晶体管,R1=4.7千欧姆,R2=47千欧 NPN/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 47 kΩ NPN/PNP resistor-equipped transistors; R1 = 4.7 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
PUMB17 PEMB17 |
PEMB17; PUMB17; PNP/PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = 22 kOhm PNP/PNP resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PEMB1 PEMB1_1 |
From old datasheet system PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 22 kohm PNP resistor-equipped transistors; R1 = 22 kohm/ R2 = 22 kohm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PEMB30 |
PNP/PNP double resistor-equipped transistors
|
Philips Semiconductors
|
PDTD113ZT PDTD113ZT215 PDTD113ZT-13 PDTD113ZT-15 |
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
|
NXP Semiconductors N.V.
|
PDTA124EE |
PNP resistor-equipped transistor
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PDTA123EMB |
PNP resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 2.2 kΩ
|
NXP Semiconductors
|